Part Number Hot Search : 
K1906 1N4898A D1607 AM79C SKY65 62128 FSQ10A04 212DH
Product Description
Full Text Search
 

To Download SR1V100KC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
FEATURES
High value of CV range Load life of 2000 hours at 85C Standard series for general purpose Applications for TV, video, audio, office and home appliances, etc.
SR Series
OUTLINE
mm D F d 5 2.0 6.3 2.5 8 3.5 10 5.0 0.6 13 16 7.5 0.8 18 20 22 25 12.5 1
10.5
0.5
SPECIFICATIONS
Items Capacitance Tolerance (120Hz, 25C) Rated Working Voltage Range Operation Temperature 6.3 ~ 100Vdc -40C ~ +85C (After 2 minutes applying the DC working voltage) Leakage Current (25C)
Characteristics 20% (M) 160 ~ 450Vdc -25C ~ +85C (After 5 minutes applying the DC working voltage) I 0.03CV + 10 (u A) C : Rated Capacitance (u F) 35 44 35 40 50 40 50 63 50 63 79 63 100 125 100
I 0.01CV or 3 (u A) I : Leakage Current (u A) W.V. 6.3 8 6.3 10 13 10 16 20 16
V : Working Voltage (V) 200 250 200 250 300 250 350 400 350 400 450 400 450 500 450
25 32 25
160 200 160
Surge Voltage (25C) S.V. W.V. Dissipation Factor (120Hz, 25C)
tan
0.25 0.20 0.17 0.15 0.12 0.12 0.10 0.10 0.10 0.15 0.15 0.15 0.20 0.20 0.20
For capacitance exceeding 1000 u F, add 0.02 per increment of 1000 u F W.V. 6.3 4 10 10 4 8 16 3 6 25 3 4 35 2 3 40 2 3 50 2 3 63 2 3 100 2 3 160 3 4 200 3 4 250 3 4 350 6 6 400 6 6 450 6 6
- 25C / + 25C Temperature Characteristics - 40C / + 25C
Impedance ratio at 120Hz
After 2000 hours application of WV at +85C, the capacitor shall meet the following limits: Capacitance Change Load Test tan Leakage Current 20% of initial value 150% of initial specified value initial specified value
After 1000 hours, no voltage applied at +85C, the capacitor shall meet the following limits: Capacitance Change Shelf Test tan Leakage Current 20% of initial value 150% of initial specified value 200% of initial specified value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
DIMENSIONS
WV uF 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 5x11 5x11 6.3x11 6.3x12 8x14 10x16 10x20 13x20 16x26 16x26 ] 5x11 6.3x11 6.3x12 8x12 8x14 10x20 13x20 13x25 16x26 16x35 ] ] ] 5x11 5x11 6.3x12 8x12 8x12 10x16 13x20 13x25 16x26 16x31 31x35 5x11 5x11 5x11 5x11 6.3x11 8x12 8x14 8x16 10x20 13x25 16x26 16x35 18x35 22x42 5x11 5x11 5x11 5x11 6.3x12 8x12 10x12 10x16 13x20 16x26 16x35 18x35 22x42 25x43 6.3 10 16 25 35 40 ] ] ] ] ] ] ] ] 5x11 5x11 5x11 6.3x11 8x12 8x16 10x15 10x20 13x25 16x31 18x31 20x35 50 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 6.3x11 8x12 10x15 10x16 10x20 13x25 16x35 18x35 22x36 63 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 8x12 8x12 10x12 10x16 10x20 13x20 16x31 18x41 20x41 25x43 100 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 8x12 8x14 10x16 10x20 13x25 16x26 16x31 20x35 25x43 5x11 5x11 6.3x12 6.3x12 6.3x12 8x12 10x16 10x20 13x20 16x26 16x35 20x35 22x36 6.3x11 6.3x11 6.3x12 6.3x12 8x12 10x12 10x16 10x20 13x20 16x26 18x35 22x36 22x42 160 200
SR Series
D x L (mm)
250 350 400 450
6.3x11 6.3x11 6.3x12 8x12 8x12 10x15 10x20 13x20 13x25 16x31 22x36
6.3x11 6.3x11 8x12 10x12 10x15 10x20 13x20 13x25 16x26 18x41
6.3x11 8x12 8x12 10x12 10x16 10x20 13x25 16x26 16x31 22x32
6.3x11 8x12 10x12 10x16 10x20 13x25 16x26 16x31 18x35
PERMISSIBLE RIPPLE CURRENT
WV uF 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 130 195 295 320 590 846 1100 1390 1890 1970 ] 150 248 310 410 610 1070 1440 1735 1990 2350 ] ] ] 124 157 255 370 440 750 1360 1590 1915 2335 2620 55 86 105 124 195 325 405 510 925 1500 1670 2225 2590 3280 57 90 110 128 200 370 460 580 1110 1540 2155 2405 3100 3860 6.3 10 16 25 35 40 ] ] ] ] ] ] ] ] 61 95 124 150 251 390 480 700 1230 1780 2260 2730 50 10 10 10 12 18 27 34 43 65 98 127 155 260 455 520 710 1290 2000 2307 2800 63 10 10 10 12 18 28 36 45 67 112 135 185 290 470 690 920 1505 2210 2660 3010 100 12 12 12 13 22 34 42 48 80 137 180 240 390 690 850 1110 1635 2450 12 17 26 35 42 76 127 170 225 380 675 840 1060 13 19 32 37 50 81 143 185 235 390 740 880 1270 160 200
mA (rms) at 120Hz 85C
250 350 400 450
14 21 35 44 56 90 160 195 260 440 810
15 22 34 42 50 89 150 190 240 410
15 22 34 45 63 115 170 200 260 480
15 22 35 47 73 110 160 210 280
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


▲Up To Search▲   

 
Price & Availability of SR1V100KC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X